c3-f-mv c2-f-mv do not scale from this print qss-xxx-01-xxx-d-dp-ra-wt-xxx no of positions -016, -032, -048, -064 (per row) (see note 4) row specification -d: double (use qss-25-01-d-xx-ra) lead style -01 plating specification -ra: right angle option -ls1: locking screw (see fig. 2, sht 3) (for mating with qts-...-ra-..ls1) -sp: solder pin (not available w/ ls1 option) (use sp-19-t) see fig. 3, sht 4) -k: kapton pad (see fig 4, sht 4) (use k-500-300) -dp: differential pair see table 2 .250 ref (typ) 6.35 ((no of pos / 16) x .7875[20.003]) + .550[13.97] .560 14.22 ref .280 7.11 ref .006 ref 0.15 ((no of pos / 16) x .7875[20.003]) + .300[7.62] ref .250 max ref (typ) 6.35 .435 11.05 ref .1240 3.15 ref(typ) c1-a,f-dc c15-a-mv c .245 6.22 ref "a" ref .186 4.71 ref .328 8.33 ref .025 sq 0.64 ref (typ) (see note 4) ((no of pos / 16) x .7875[20.003]) + .550[13.97] .012 ref 0.30 .069 1.75 ((no of pos / 16) x .7875[20.003]) + .005[0.13] @ .080[2.03] 7 eq spaces .114 .003 2.89 0.08 (typ)(see note 4) .096 2.44 .7875 20.00 @ .0750[1.905] 7 eq spaces "a" 01 02 qss-25-01-d-xx-ra c20-b-ve c19-a-ve detail "a" scale 4 : 1 not filled not filled (see note 9) 01 02 not filled (see note 9) c fig. 1 qss-048-01-xxx-d-dp-ra shown -wt: weld tab (see note 4) (use wt-16-xx-t) c l (see table 3) sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0020 [.051] material: .635mm double row differential pair ra socket strip by: qss-xxx-01-xxx-d-dp-ra-wt-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 02/26/04 4 1 sheet scale: 1:0.666667 insulator: lcp, color: black terminal, ground plane & weld tab: phos bronze f:\dwg\misc\mktg\qss-xxx-01-xxx-d-dp-ra-wt-xxx-mkt.slddrw notes: 1. represents a critical dimension. 2. burr allowance: .0010 max. 3. minimum pushout force: 6 oz. 4. weld tabs (wt-16-02-t) not available on -016 position. 5. if needed, -l plating can be substituted for -f plating. 6. im-1g18-01-1-xx retention to be 1.0 lbs. minimum prior to second row fill. 7. designed for use with at .062 thick pcb 8. assemblies to be packaged in trays. 9. critical refers to fill / not filled patern. 10. delete 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision x
c9-a-mv .113 ref 2.87 .064 1.63 (see note 4) .442 ref 11.21 .010 ref 0.25 .058 1.47 .0040 0.102 .1700 4.318 (both rows) .001[0.03] - .006[0.15] .285 ref 7.24 .025 ref 0.64 .040 ref 1.02 .207 ref 5.25 (see note 4) .354 ref 8.99 .148 3.75 (see note 4) c4-f-mv c11-f-cp c12-f-cp c7-b-mv c5-f-cp c6-b-mv c13-f-og 'f' c-178-02-xxx c-177-01-xxx im-1g18-01-1-xxx wt-16-02-t (see note 4) c c c c c c c c c see table 1 .0180 ref 0.46 30 ref (typ) detail 'f' scale 12 : 1 x sheet of .635mm double row differential pair ra socket strip by: qss-xxx-01-xxx-d-dp-ra-wt-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 02/26/04 4 2 sheet scale: 1:0.166667 f:\dwg\misc\mktg\qss-xxx-01-xxx-d-dp-ra-wt-xxx-mkt.slddrw revision x 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
((no of pos / 16) x .7875[20.003]) + .330[8.38] ref "a" ref qss-048-01-xxx-d-dp-ra-ls1 shown (same as fig. 1, except as shown) fig. 2 .285 7.24 c7-b-mv c-177-01-xxx in-process 1 qss-25-01-d-xx-ra .424 10.77 c17-b-dc in-process 2 im-1g18-01-1-xxx .442 11.21 c18-a-mv in-process 3 c-178-02-xxx critical dimension inspection instruction table assembly operation start-up inspection inspect code a in-process inspection inspect code b fill c-177-01-x c1, c15, c19 c7, c20 fill im-1g18-xx-1-xx c1, c7, c19, c20 c17 fill c-178-02-x c1, c7, c19, c20 c18 fill wt-16-xx-t c1, c7, c18, c19,c20 c6 ls1 c1, c18, c15 c21 sp c1, c18 c21 k c1, c18 c16 sheet of .635mm double row differential pair ra socket strip by: qss-xxx-01-xxx-d-dp-ra-wt-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 02/26/04 4 3 sheet scale: 1:0.666667 f:\dwg\misc\mktg\qss-xxx-01-xxx-d-dp-ra-wt-xxx-mkt.slddrw revision x 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
c21-b-mv c16-b-mv {no of pos x .0315[.800] +.300[7.62]} .005[.13] .035 ref 0.89 .055 1.40 sp-19-t .250 6.35 ref .790 ref 20.07 "b" .065 .010 1.65 0.25 .094 ref 2.38 fig. 4 qss-048-01-xxx-d-dp-ra-wt-k shown (same as fig. 1, except as shown) fig. 3 qss-048-01-xxx-d-dp-ra-wt-sp shown (same as fig. 1, except as shown) sheet of .635mm double row differential pair ra socket strip by: qss-xxx-01-xxx-d-dp-ra-wt-xxx description: kevin b 02/26/04 4 4 sheet scale: 3:2 sheet of by: dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 02/26/04 4 4 sheet scale: 1:0.666667 f:\dwg\misc\mktg\qss-xxx-01-xxx-d-dp-ra-wt-xxx-mkt.slddrw revision x 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
|